Part Number Hot Search : 
MSM6927 PEB2084H MW6TG 31208 FM24CL64 GLL4748 GP2S06 5DC12
Product Description
Full Text Search
 

To Download SRR0618-2R2ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  srr0618 series - shielded power inductors features available in e6 series low unit height of 1.8 mm high current rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions 5.00 0.3 (.197 .012) 5.00 0.3 (.197 .012) 2r2 0.6 (.024) typ. 3.0 (.118) 1.50 0.10 (.059 .004) 0.25 (.001) typ. 90 1.25 (.049) typ. 1.25 (.049) typ. 3.50 (.138) typ. 6.30 0.3 (.248 .012) 1.80 0.15 (.071 .006) 3 4 2 1 general specifications test voltage .................................0.1 volt reflow soldering .....230 ?c, 50 sec max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core material...........................ferrite dr wire ............................enameled copper base .....................................ferrite core terminal.....................................cu/ni/sn rated current ...ind. drop 50 % typ at i sat temperature rise .40 ?c max at rated i rms packaging.....................800 pcs. per reel recommended layout electrical schematic 4.20 (.165) ref. 2.15 (.085) ref. 3 4 2 1 2.15 (.085) ref. 2.90 (.114) ref. 4.20 (.165) ref. 1.80 (.071) ref. 1.20 (.047) ref. 1.20 (.047) ref. 3 1 2.15 (.085) ref. 2.15 (.085) ref. 2.90 (.114) ref. lcr 100 ~ 101 13 2r2 ~ 6r8 lcr 23 14 inductance 100khz q test srf rdc i rms i sat bourns part no. (h) tol. % ref. frequency nom. max. typ. typ. (khz) (mhz) ( ? )(a) (a) SRR0618-2R2ML 2.2 20 30 100 95 0.05 1.70 2.10 srr0618-3r3ml 3.3 20 30 100 70 0.07 1.40 1.75 srr0618-4r7ml 4.7 20 30 100 65 0.10 1.05 1.45 srr0618-6r8ml 6.8 20 30 100 50 0.15 0.95 1.18 srr0618-100ml 10.0 20 30 100 45 0.22 0.82 0.98 srr0618-150ml 15.0 20 30 100 35 0.31 0.60 0.76 srr0618-220ml 22.0 20 30 100 25 0.46 0.47 0.60 srr0618-330ml 33.0 20 30 100 22 0.68 0.43 0.53 srr0618-470ml 47.0 20 30 100 20 1.10 0.36 0.44 srr0618-680ml 68.0 20 30 100 15 1.50 0.30 0.37 srr0618-101ml 100.0 20 30 100 13 2.30 0.23 0.27 dimensions: mm (inches) *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr0618 series - shielded power inductors rev. 03/06 2.0 0.5 (.079 .020) 50.0 (1.969) 14.0 (.551) 18.4 (.724) 178 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 0.8 (.827 .039) embossed carrier embossed cavity 0.10 (.004) thickness max. 12.0 (.472) packaging specifications end start user direction of feed 160 (6.299) no component no component components 390 (15.354) 4 (.157) 8 (.315) 12.0 (.472) 2r2 2r2 2r2 2r2 qty: 800 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SRR0618-2R2ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X